Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD128MX Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FD128MX
Description  Single Phase Smart DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD128MX Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FD128MX Datasheet HTML 3Page - Feeling Technology Corp. FD128MX Datasheet HTML 4Page - Feeling Technology Corp. FD128MX Datasheet HTML 5Page - Feeling Technology Corp. FD128MX Datasheet HTML 6Page - Feeling Technology Corp. FD128MX Datasheet HTML 7Page - Feeling Technology Corp. FD128MX Datasheet HTML 8Page - Feeling Technology Corp. FD128MX Datasheet HTML 9Page - Feeling Technology Corp. FD128MX Datasheet HTML 10Page - Feeling Technology Corp. FD128MX Datasheet HTML 11Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FD128MX/FD128NX
Technology
Single Phase Smart DC Motor Driver IC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.6 Aug. 01, 2008
P.7
*1
Recirculation Capacitance
CL (2.2uF) capacitor is for PWM drive and kick back absorption, especially when
the diode used.
*2
Thermal Dissipation Handle Diode
To decrease the Output Transistor Voltage drop, then improve the thermal handle
capability.
*3
PWM Oscillator frequency setting capacitor
Setting the CP = 47pF to get the 25KHz PWM frequency.
*4
Lock shutdown time setting capacitor
CO value decides the time of lock function to turn on or turn off drivers.
*5
Rotation Detect pull-up Resistor
For RD open collector structure, low for rotation mode and high for lock mode.
*6
VDD stability capacitor
When the (*1,*2) does not exist, the CM capacitor replace the CL to absorption the
VDD spike and work as the re-circulation capacitor.
*7
Thermistor Resistor
For speed control runs at the PWM mode.
*8
Output overshoot hold RC
VDD(7)
CO(8)
VL(6)
RD(2)
INN(1)
NO(3)
SO(5)
GND(4)
CO =1uF
RRD =10K
CS =1uF
CS =1uF
RS = 50
RS = 50
CM =1uF
CL =2.2uF
DC=12V
*1
*6
*8
*8
*4
*2
*5
Hall IC Input
(FG Signal Output)
FD128MX Application Circuit
RD Output
Opitional
FS177



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com