Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD128MX Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FD128MX
Description  Single Phase Smart DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD128MX Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FD128MX Datasheet HTML 3Page - Feeling Technology Corp. FD128MX Datasheet HTML 4Page - Feeling Technology Corp. FD128MX Datasheet HTML 5Page - Feeling Technology Corp. FD128MX Datasheet HTML 6Page - Feeling Technology Corp. FD128MX Datasheet HTML 7Page - Feeling Technology Corp. FD128MX Datasheet HTML 8Page - Feeling Technology Corp. FD128MX Datasheet HTML 9Page - Feeling Technology Corp. FD128MX Datasheet HTML 10Page - Feeling Technology Corp. FD128MX Datasheet HTML 11Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FD128MX/FD128NX
Technology
Single Phase Smart DC Motor Driver IC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.6 Aug. 01, 2008
P.9
II.
PWM Control mode(Vset pin connect DC voltage)
When VSET is between VSL and VCPL. Then the output would are turn on at VSET <
V (CP) and turn off at VSET > V (CP). The CP frequency decided the Switch Period
and the result of VSET compared to V (CP) had the duty ratio.
III.
Full Speed Mode
When VSET is lower than VCPL, then the fan would enter the full speed mode.
IV.
Thermistor Mode
The VSET pin can use the Thermistor to produce the thermal control of system, and
saving the power around the room temperature.
V.
External 25KHZ input control
The signal is suggested to send into CP. The result is similar as that VSET must be
left open to use the VSL. So, the input voltage must be over the VSL to turn on drivers.
VI.
Lock Mode
When the fan stop and the capacitor (CO) continue to be discharged until the VCOK
point. Then the fan should enter the lock mode to turn off the low-side drivers. This
action would save the power consumption and avoid the over-heating philosophy. It
would be released until the VCOL point. The rotation detect signal (RD) would set to
High at lock mode.
VII. Other



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com