Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2538D Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT2538D
Description  Steelable constant flow and output power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT2538D Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT2538D Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT2538D Datasheet HTML 8Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HT2538D
2/8
www.hotchip.com.cn
Ver1.1
原边控制高精度恒压/恒流 PWM 控制器
引脚定义
序号
名称
I/O
说明
1
VDD
P
电源端
2
COMP
I
CV 环路补偿
3
INV
I
连接反映输出的辅助绕组反馈电压的外接分压电
阻,PWM 占空周期由 1Pin 电流采样信号和 EA
放大器输出电压决定。
4
CS
I
电流采样输入
5、6
DRAIN
I
内置 MOS 管漏极
7、8
GND
P
电路内部结构框图
极限参数
项目
参数值
VDD 电压
-0.3V 到 VDD 钳位电压
VDD 齐纳管钳位连续电流
10mA
COMP 电压
-0.3V ~ 7V
CS 输入电压
-0.3V ~ 7V
INV 输入电压
-0.3V ~ 7V
最大工作结温
150℃
贮存温度
-55℃ ~ 150℃
引脚焊接温度(10 秒)
260℃
内置 MOS 管耐压值
600V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com