Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7830GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7830GS Datasheet HTML 1Page - Leadtrend Technology LD7830GS Datasheet HTML 2Page - Leadtrend Technology LD7830GS Datasheet HTML 3Page - Leadtrend Technology LD7830GS Datasheet HTML 4Page - Leadtrend Technology LD7830GS Datasheet HTML 5Page - Leadtrend Technology LD7830GS Datasheet HTML 6Page - Leadtrend Technology LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LD7830
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
Electrical Characteristics
(VCC=15.0V, TA = 25C unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
High voltage Supply(HV Pin)
High-voltage current Source
VCC=4V , HV=80V
1.0
1.3
1.6
mA
VCC=9V,HV=80V
2.6
3.1
3.6
mA
Off-state Leakage current
VCC>UVLO(ON), HV=500V
0
35
A
Supply Voltage (VCC Pin)
Startup Current
VCC<UVLO ON
55
75
95
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V, ZCD=0
1
mA
VCOMP=3V, ZCD=0
1.45
mA
VCC OVP
0.3
mA
OLP
0.3
mA
UVLO (OFF)
6.9
7.5
8.1
V
UVLO (ON)
15.0
16
17.0
V
HV Self Bias (Linear Regulator)
8.1
8.8
9.5
V
De-Latch VCC Voltage
PDR( Power Down Reset)
6.0
6.5
7.0
V
VCC OVP Level
25
26
27
V
Voltage Feedback(Comp Pin)
Short circuit current
VCOMP=0
0.4
0.5
0.6
mA
Open loop voltage
5.0
5.3
5.8
V
OLP Trip Level
4.65
4.8
4.95
V
Zero ON-time Threshold
0.8
V
Zero ON-time Hysteresis
25
mV
OLP Delay Time
225
270
315
ms
OLP De-Latch Counter
4
Cycle
Current Sensing (CS Pin)
Current Sense Input Threshold Voltage
IZCD<110A
0.47
0.5
0.53
V
IZCD>440A
0.322
0.35
0.378
V
Soft Start Time
*
8
ms
Input bias current
VCS=0V~0.5V
0
1.5
A
LEB time
240
300
360
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com