Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7830GS Datasheet(PDF) 7 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 7 Page - Leadtrend Technology

Back Button LD7830GS Datasheet HTML 3Page - Leadtrend Technology LD7830GS Datasheet HTML 4Page - Leadtrend Technology LD7830GS Datasheet HTML 5Page - Leadtrend Technology LD7830GS Datasheet HTML 6Page - Leadtrend Technology LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology LD7830GS Datasheet HTML 10Page - Leadtrend Technology LD7830GS Datasheet HTML 11Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LD7830
7
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
Typical Performance Characteristics
Fig. 1
UVLO (on) vs. Temperature
Temperature (
C)
14.0
14.8
15.6
16.4
17.2
18.0
-40
0
40
80
120 125
Temperature (
C)
Fig. 2
UVLO (off ) vs. Temperature
7.5
7.9
8.1
8.5
7.7
-40
0
40
80
120
125
8.3
Temperature (
C)
Fig. 3
HV Slef Bias vs. Temperature
-40
0
40
80
120 125
9.2
9.4
9.6
9.8
10
9.0
Temperature (
C)
Fig. 4
HV Current source(Vcc=4V) vs. Temperature
-40
0
40
80
120 125
1.15
1.25
1.35
1.45
1.55
1.05
Temperature (
C)
Fig. 5
HV Current source(Vcc=9V) vs. Temperature
-40
0
40
80
120 125
1.95
2.05
2.15
2.25
2.35
1.85
Temperature (
C)
Fig. 6
De-latch Vcc Voltage vs. Temperature
-40
0
40
80
120 125
6.3
6.4
6.5
6.6
6.7
6.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com