Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7830GS Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7830GS Datasheet HTML 5Page - Leadtrend Technology LD7830GS Datasheet HTML 6Page - Leadtrend Technology LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology LD7830GS Datasheet HTML 10Page - Leadtrend Technology LD7830GS Datasheet HTML 11Page - Leadtrend Technology LD7830GS Datasheet HTML 12Page - Leadtrend Technology LD7830GS Datasheet HTML 13Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LD7830
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
Application Information
Operation Overview
The LD7830 is an excellent single-stage Flyback PFC
controller for LED lighting applications. It integrates more
functions to reduce the external components counts and
the size. Its major features are described as below.
The LD7830 is a voltage-mode TM PFC controller. The
turn-on time of the switch is fixed while the turn-off time is
varied in steady state. Therefore, the switching frequency
varies in accordance with the input voltage variation. The
LD7830 features over load protection, over voltage
protection, over current protection, under voltage lockout
and LEB of the current sensing. Also, the LD7830
requires no mains voltage sensing unlike what the other
traditional current mode PFC controllers behave for
power saving.
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
The traditional circuit provides the startup current through
a startup resistor to power up the PWM controller.
However, it consumes significant power to meet the
power saving requirement. In most cases, startup
resistors carry large resistance. And, a larger resistor will
spend more time to start up.
To achieve optimized topology, as shown in Fig. 13,
LD7830 is implemented with a high-voltage startup circuit
to enhance it. During startup, a high-voltage current
source sinks current from the full-bridge rectifier to
provide the startup current and charge Vcc capacitor C1
at the same time.
On condition of VCC below PDR, the
charge current will remain at 1.3mA to protect the circuit
from being damaged, even in case VCC pin is shorted to
ground. In contrast, the charge current will increases to
3.1mA once VCC rises above PDR voltage threshold
during start up. Meanwhile, it consumes only 75
A for
Vcc supply current, that most of the HV current is
reserved to charge the Vcc capacitor. In using such
configuration, the turn-on delay time will be almost no
difference either in low-line or high-line conditions.
Once the Vcc voltage rises higher than UVLO(on) to
power on the LD7830 and further to deliver the gate drive
signal, the high-voltage current source will be disabled
and the supply current is provided from the auxiliary
winding of the transformer.
Therefore, it would eliminate
the power loss on the startup circuit and perform highly
power saving.
An UVLO comparator is embedded to detect the voltage
on the Vcc pin to ensure the supply voltage enough to
power on the LD7830 PWM controller and in addition to
drive the power MOSFET.
As shown in Fig. 14, a
hysteresis is provided to prevent the shutdown from the
voltage dip during startup.
EMI
Filter
OUT
CS
VCC
GND
LD7830
AC
input
C1
D1
HV
Fig. 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com