Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7830GS Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7830GS
Description  High Power Factor Flyback LED Controller with HV Start-up
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7830GS Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7830GS Datasheet HTML 1Page - Leadtrend Technology LD7830GS Datasheet HTML 2Page - Leadtrend Technology LD7830GS Datasheet HTML 3Page - Leadtrend Technology LD7830GS Datasheet HTML 4Page - Leadtrend Technology LD7830GS Datasheet HTML 5Page - Leadtrend Technology LD7830GS Datasheet HTML 6Page - Leadtrend Technology LD7830GS Datasheet HTML 7Page - Leadtrend Technology LD7830GS Datasheet HTML 8Page - Leadtrend Technology LD7830GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LD7830
8/17/2012
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7830-DS-01a
August 2012
High Power Factor Flyback LED Controller with HV Start-up
REV: 01a
General Description
The LD7830 is a HV start-up Flyback PFC controller,
specially designed for LED lighting appliances. It operates
in transition(TM) mode and integrates with complete
protections required for safety and therefore it
’s an
excellent solution to minimize the components counts.
Those make it ideal for cost- effective applications.
With HV start-up technology, high power factor and TM
control, the start-up time and resistor loss could be
minimized efficiently. The circuit can easily achieve
PF>0.90 to meet most of the international standard
requirements.
With completed protection built inside this IC,
such as
over voltage protection (OVP), over current protection
(OCP), over load protection (OLP), over temperature
protection (OTP), and short circuit protection (SCP), It
enable the circuit to meet most safety requirements either
in normal and abnormal test.
Features
High voltage (600V) startup circuit
High Power Factor Flyback PFC controller
High-efficiency Transition mode operation
Wide UVLO (16Von and 7.5 Voff)
VCC OVP (Over Voltage Protection)
OLP (Over Load Protection)
OCP (Cycle by cycle current limiting) Vcs=0.5V
Internal OTP (Over Temperature Protection)
500/-800mA Driving Capability
Internal OTP function
Applications
LED Power Supply
Flyback PFC Power Supply
Typical Application
AC
Input
LD7830
GATE
CS
GND
ZCD
VCC
COMP
LED+
LED-
LF1
C1
EMI
Filter
HV
IREF
OUT
VSEN
VCC
GND ISEN
0.1V
1.25V
LED+
LD8105


Similar Part No. - LD7830GS

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7831GR LEADTREND-LD7831GR Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7831GS LEADTREND-LD7831GS Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7832 LEADTREND-LD7832 Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7832A LEADTREND-LD7832A Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
More results

Similar Description - LD7830GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755LT PHILIPS-TEA1755LT Datasheet
341Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Leadtrend Technology
LD7831 LEADTREND-LD7831 Datasheet
569Kb / 17P
High Power Factor Primary Side Flyback LED Controller With HV Start-up
LD7832 LEADTREND-LD7832 Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7832A LEADTREND-LD7832A Datasheet
514Kb / 16P
High Power Factor LED Controller with HV Start-up
LD7838 LEADTREND-LD7838 Datasheet
571Kb / 15P
High Power Factor Flyback LED Controller with HV Start-up
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com