Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2425 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 6Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 7Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 8Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 9Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 10Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 11Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 12Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 13Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 10 of 30
EN_DYN_ACK bit. When you use this option,
the PTX goes directly to standby-I mode after
transmitting the packet and the PRX does not
transmit an ACK packet when it receives the
packet.
5.1.4
Payload
The payload is the user defined content of the
packet. It can be 0 to 32 bytes wide, and it is
transmitted
on-air
as
it
is
uploaded
(unmodified) to the device.
The BK2425 provides two alternatives for
handling payload lengths, static and dynamic
payload length. The static payload length of
each of six data pipes can be individually set.
The default alternative is static payload length.
With static payload length all packets between
a transmitter and a receiver have the same
length. Static payload length is set by the
RX_PW_Px registers. The payload length on
the transmitter side is set by the number of
bytes clocked into the TX_FIFO and must
equal the value in the RX_PW_Px register on
the receiver side. Each pipe has its own
payload length.
Dynamic
Payload
Length
(DPL)
is
an
alternative to static payload length. DPL
enables the transmitter to send packets with
variable payload length to the receiver. This
means for a system with different payload
lengths it is not necessary to scale the packet
length to the longest payload.
With DPL feature the BK2425 can decode the
payload
length
of
the
received
packet
automatically instead of using the RX_PW_Px
registers. The MCU can read the length of the
received payload by using the command:
R_RX_PL_WID.
In order to enable DPL the EN_DPL bit in the
FEATURE register must be set. In RX mode
the DYNPD register has to be set. A PTX that
transmits to a PRX with DPL enabled must
have the DPL_P0 bit in DYNPD set.
5.1.5
CRC
The CRC is the error detection mechanism in
the packet. The number of bytes in the CRC is
set by the CRCO bit in the CONFIG register.
It may be either 1 or 2 bytes and is calculated
over the address, Packet Control Field, and
Payload.
The polynomial for 1 byte CRC is X
8 + X2 +
X + 1. Initial value is 0xFF.
The polynomial for 2 byte CRC is X
16 + X12 +
X
5 + 1. Initial value is 0xFFFF.
No packet is accepted by receiver side if the
CRC fails.
5.2
Packet Handling
BK2425
uses
burst
mode
for
payload
transmission and receive.
The transmitter fetches payload from TX FIFO,
automatically assembles it into packet and
transmits the packet in a very short burst
period with 1Mbps or 2Mbps air data rate.
After transmission, if the PTX packet has the
NO_ACK flag set, BK2425 sets TX_DS and
gives an active low interrupt IRQ to MCU. If
the PTX is ACK packet, the PTX needs
receive ACK from the PRX and then asserts
the TX_DS IRQ.
The
receiver
automatically
validates
and
disassembles received packet, if there is a
valid packet within the new payload, it will
write the payload into RX FIFO, set RX_DR
and give an active low interrupt IRQ to MCU.
When
auto
acknowledge
is
enabled
(EN_AA=1),
the
PTX
device
will
automatically wait for acknowledge packet
after transmission, and re-transmit original
packet with the delay of ARD until an
acknowledge packet is received or the number
of re-transmission exceeds a threshold ARC. If
the later one happens, BK2425 will set
MAX_RT and give an active low interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com