Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2425 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 22Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 23Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 24Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 25Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 26Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 27Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 28Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 29Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 26 of 30
Package Number
Pad Number
Pad Name
X-Coordinate
(um)
Y-Coordinate
(um)
1
1
CE
1280.5250
441.9330
2
2
CSN
1280.5250
526.9330
3
3
SCK
1280.5250
611.9330
4
4
MOSI
1280.5250
696.9330
5
5
MISO
1280.5250
781.9330
6
6
IRQ
1280.5250
866.9330
7
TSTENb
975.0140
1211.7770
9
8
XTALP
907.0140
1211.7770
10
9
XTALN
839.0140
1211.7770
13
10
RFP
56.5250
1197.5610
14
11
gndBalun
51.0890
861.4960
12
VSSFE
36.9750
481.3040
13
VSSVCO
36.9750
413.3040
14
VSSR
36.9750
345.3040
15
15
VCCRF
36.9750
260.3000
16
16
VCCVCO
36.9750
175.3040
17
VCCDIG
36.9750
107.3040
18
CDVDD
36.9750
39.3040
17
19
VSSIF
659.1070
42.9250
20
VSSDIG
761.1070
42.9250
18
21
VCCIF
829.1070
42.9250
22
VCCDIG
914.1110
42.9250
19
23
CDVDD
999.1070
42.9250
24
ATSTP
1092.9640
125.9150
25
ATSTN
1177.9640
125.9150
Table 9 QFN20 Chip pad coordinates
Note: (x,y) is the center of the PAD.
Pad Openings: 68umX60.35um.
Red: No connection.
PAD17 and PAD22 are connected on chip.
PAD18 and PAD23 are connected on chip.
Die size: 1343umX1275um



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com