Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2425 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 10Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 11Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 12Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 13Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 14Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 15Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 16Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 17Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 14 of 30
Cn: SPI command bit
Sn: STATUS register bit
Dn: Data Bit (LSB byte to MSB byte, MSB bit in each byte first)
Note: The SPI timing is for bank 0 and register 9 to 14 at bank 1. For register 0 to 8 at bank 1, the byte
order is inversed that the MSB byte is R/W before LSB byte.
Figure 7 SPI NOP timing diagram
Symbol
Parameters
Min
Max
Units
Tdc
Data to SCK Setup
10
ns
Tdh
SCK to Data Hold
20
ns
Tcsd
CSN to Data Valid
38
ns
Tcd
SCK to Data Valid
55
ns
Tcl
SCK Low Time
40
ns
Tch
SCK High Time
40
ns
Fsck
SCK Frequency
0
8
MHz
Tr,Tf
SCK Rise and Fall
100
ns
Tcc
CSN to SCK Setup
2
ns
Tcch
SCK to CSN Hold
2
ns
Tcwh
CSN Inactive time
50
ns
Tcdz
CSN to Output High Z
38
ns
Table 3 SPI timing parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com