Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BK2425 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # BK2425
Description  Low Power High Performance 2.4 GHz GFSK Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BK2425 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button BK2425 Datasheet HTML 11Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 12Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 13Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 14Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 15Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 16Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 17Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 18Page - List of Unclassifed Manufacturers BK2425 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
BK2425
Revision 1.0
Proprietary and Confidential
Page 15 of 30
7 Register Map
There are two register banks, which can be toggled by SPI command “ACTIVATE” followed with
0x53 byte, and bank status can be read from Bank0_REG7 [7].
7.1
Register Bank 0
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description
00
CONFIG
Configuration Register
Reserved
7
0
R/W
Only '0' allowed
MASK_RX_DR
6
0
R/W
Mask interrupt caused by RX_DR
1: Interrupt not reflected on the IRQ pin
0: Reflect RX_DR as active low interrupt
on the IRQ pin
MASK_TX_DS
5
0
R/W
Mask interrupt caused by TX_DS
1: Interrupt not reflected on the IRQ pin
0: Reflect TX_DS as active low interrupt
on the IRQ pin
MASK_MAX_RT
4
0
R/W
Mask interrupt caused by MAX_RT
1: Interrupt not reflected on the IRQ pin
0: Reflect MAX_RT as active low
interrupt on the IRQ pin
EN_CRC
3
1
R/W
Enable CRC. Forced high if one of the bits
in the EN_AA is high
CRCO
2
0
R/W
CRC encoding scheme
'0' - 1 byte
'1' - 2 bytes
PWR_UP
1
0
R/W
1: POWER UP, 0:POWER DOWN
PRIM_RX
0
0
R/W
RX/TX control,
1: PRX, 0: PTX
01
EN_AA
Enable ‘Auto Acknowledgment’ Function
Reserved
7:6
00
R/W
Only '00' allowed
ENAA_P5
5
1
R/W
Enable auto acknowledgement data pipe 5
ENAA_P4
4
1
R/W
Enable auto acknowledgement data pipe 4
ENAA_P3
3
1
R/W
Enable auto acknowledgement data pipe 3
ENAA_P2
2
1
R/W
Enable auto acknowledgement data pipe 2
ENAA_P1
1
1
R/W
Enable auto acknowledgement data pipe 1
ENAA_P0
0
1
R/W
Enable auto acknowledgement data pipe 0
02
EN_RXADDR
Enabled RX Addresses
Reserved
7:6
00
R/W
Only '00' allowed
ERX_P5
5
0
R/W
Enable data pipe 5.
ERX_P4
4
0
R/W
Enable data pipe 4.
ERX_P3
3
0
R/W
Enable data pipe 3.
ERX_P2
2
0
R/W
Enable data pipe 2.
ERX_P1
1
1
R/W
Enable data pipe 1.
ERX_P0
0
1
R/W
Enable data pipe 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com