Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27Z561-R1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ27Z561-R1 Datasheet HTML 1Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
BQ27Z561-R1
www.ti.com
SLUSDH5 – MARCH 2019
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.5 Supply Current
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INORMAL
Standard operating Conditions
60
µA
ISLEEP
Sense resistor current below Sleep mode threshold
11
µA
IDEEPSLEEP
Sense resistor current below Deep Sleep mode threshold
9
µA
IOFF
CE = VIL
0.5
µA
7.6 Internal 1.8-V LDO (REG18)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG18
Regulator output voltage
1.6
1.8
2.0
V
VPORth
POR threshold
Rising Threshold
1.45
1.7
V
VPORhy
POR hysteresis
0.1
V
7.7 I/O (CE, PULS, INT)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
VREG18 = 1.8 V
1.15
V
VIL
Low-level input voltage low
VREG18 = 1.8 V
0.50
V
VOL
Output voltage low for INT/PULS
VREG18 = 1.8 V, IOL = 1 mA
0.4
V
CI
Input capacitance
5
pF
Ilkg
Input leakage current
1
µA
7.8 Internal Temperature Sensor
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(TEMP)
Internal Temperature sensor
voltage drift
VTEMPP
1.65
1.73
1.8
mV/°C
VTEMPP – VTEMPN (assured by design)
0.17
0.18
0.19
7.9 NTC Thermistor Measurement Support
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RNTRC(PU)
Internal Pullup Resistance
14.4
18
21.6
RNTC(DRIFT)
Resistance drift over
temperature
–250
–120
0
PPM/°C
7.10 Coulomb Counter (CC)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(CC_IN)
Input voltage range
–0.1
0.1
V
t(CC_CONV)
Conversion time
Single conversion
1000
ms
Effective Resolution
1 LSB
3.8
µV
Integral nonlinearity
16-bit, Best fit over input voltage
range
–22.3
5.2
+22.3
LSB
Differential nonlinearity
16-bit, No missing codes
1.5
LSB
Offset error
16- bit Post-Calibration
–2.6
1.3
+2.6
LSB
Offset error drift
15-bit + sign, Post Calibration
0.04
0.07
LSB/°C
Gain Error
15-bit + sign, Over input voltage
range
–492
131
+492
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com