Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27Z561-R1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27Z561-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
64.8
65
65.2
65.4
65.6
65.8
66
D003
Min
Nom
Max
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
15
20
D004
Min
Nom
Max
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
1.2
1.202
1.204
1.206
1.208
1.21
D001
Min
Nom
Max
Temperature (qC)
-60
-40
-20
0
20
40
60
80
100
1.78
1.785
1.79
1.795
1.8
D002
Min
Nom
Max
10
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.20 Typical Characteristics
BAT Min = 2 V
BAT Nom = 3.6 V
BAT Max = 5 V
Figure 3. REF1 Voltage Versus Battery and Temperature
BAT Min = 2 V
BAT Nom = 3.6 V
BAT Max = 5 V
Figure 4. LDO Voltage Versus Battery and Temperature
BAT Min = 2 V
BAT Nom = 3.6 V
BAT Max = 5 V
Figure 5. LFO Frequency Versus Battery and Temperature
BAT Min = 2 V
BAT Nom = 3.6 V
BAT Max = 5 V
Figure 6. ADVC Offset Voltage Versus Battery and
Temperature
8 Detailed Description
8.1 Overview
The BQ27Z561-R1 gas gauge is a fully integrated battery manager that employs flash-based firmware to provide
a complete solution for battery-stack architectures composed of 1-series cells. The BQ27Z561-R1 device
interfaces with a host system via an I2C or HDQ protocol. High-performance, integrated analog peripherals
enable support for a sense resistor down to 1 mΩ, and simultaneous current/voltage data conversion for instant
power calculations. The following sections detail all of the major component blocks included as part of the
BQ27Z561-R1 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com