Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27Z561-R1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 10Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 11Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 12Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 13Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 14Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Internal
Temp
Sensor
ADC MUX
SCL
SDA/HDQ
REG18
DMAddr (16bit)
HFO
COM
Engine
Data Flash
4-kBytes
CC /ADC
Digital
Filter
Program Flash
32-kBytes
bqBMP
CPU
PMAddr
(16 bit)
PMInstr
( 8 bit)
Data SRAM
2-kBytes
Data (8bit)
CC
SRP
SRN
ADC
Timers
IO and
Interrupt
Controller
REF2
BAT
PULS
INT
REF1
LFO
CE
ROM
12-
kBytes
Test
Interface
BAT_SNS
TS
GPIO
VSS
Copyright © 2017, Texas Instruments Incorporated
11
BQ27Z561-R1
www.ti.com
SLUSDH5 – MARCH 2019
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 BQ27Z561-R1 Processor
The BQ27Z561-R1 device uses a custom TI-proprietary processor design that features a Harvard architecture
and operates at frequencies up to 4.2 MHz. Using an adaptive, three-stage instruction pipeline, the BQ27Z561-
R1 processor supports variable instruction lengths of 8, 16, or 24 bits.
8.3.2 Battery Parameter Measurements
The BQ27Z561-R1 device measures cell voltage and current simultaneously, and also measures temperature to
calculate the information related to remaining capacity, full charge capacity, state-of-health, and other gauging
parameters.
8.3.2.1 Coulomb Counter (CC)
The first ADC is an integrating analog-to-digital converter designed specifically for tracking charge and discharge
activity, or coulomb counting, of a rechargeable battery. It features a single-channel differential input that
converts the voltage difference across a sense resistor between the SRP and SRN terminals with a resolution of
3.74 µV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com