Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27Z561-R1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27Z561-R1
Description  Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27Z561-R1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27Z561-R1 Datasheet HTML 2Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 3Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 4Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 5Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 6Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 7Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 8Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 9Page - Texas Instruments BQ27Z561-R1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
BQ27Z561-R1
SLUSDH5 – MARCH 2019
www.ti.com
Product Folder Links: BQ27Z561-R1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Coulomb Counter (CC) (continued)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain Error drift
15-bit + sign, Over input voltage
range
4.3
9.8
LSB/°C
Effective input resistance
7
(1)
Factory calibration.
7.11 Analog Digital Converter (ADC)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VADC_TS_GPIO
Input voltage range
VFS = VREF2
–0.2
1.0
V
VFS = VREG18 * 2
–0.2
1.44
V
VBAT_MODE
Battery Input Voltage
–0.2
5.5
V
Integral nonlinearity
16-bit, Best fit, –0.1 V to 0.8 * VREF2
–8.4
+8.4
LSB
Differential nonlinearity
16-bit, No missing codes
1.5
LSB
Offset error
16-bit Post-Calibration(1), VFS =
VREF2
–4.2
1.8
+4.2
LSB
Offset error drift
16-bit Post-Calibration(1), VFS =
VREF2
0.02
0.1
LSB/°C
Gain Error
16-bit, –0.1 to 0.8 * VFS
–492
131
+492
LSB
Gain Error drift
16-bit, –0.1 to 0.8 * VFS
2
4.5
LSB/°C
Effective input resistance
8
t(ADC_CONV)
Conversion time
11.7
ms
Effective resolution
14
15
bits
7.12 Internal Oscillator Specifications
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High Frequency Oscillator (HFO)
fHFO
Operating frequency
16.78
MHz
fHFO
HFO frequency drift
TA = –20°C to 70°C
–2.5%
2.5%
TA = –40°C to 85°C
–3.5
3.5
tHFOSTART
HFO Start-up time
TA = –40°C to 85°C, oscillator
frequency within +/- 3% of nominal
frequency or a power-on reset
4
ms
Low Frequency Oscillator (LFO)
fLFO
Operating frequency
65.536
kHz
fLFO(ERR)
Frequency error
TA = –40°C to 85°C
–2.5%
+2.5%
(1)
Used for CC and LDO
7.13 Voltage Reference1 (REF1)
Unless otherwise noted, characteristics noted under conditions of TA = –40 to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF1
Internal Reference Voltage(1)
1.195
1.21
1.227
V
VREF1_DRIFT
Internal Reference Voltage
Drift
TA = –40 °C to 85°C
–80
+80
PPM/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com