Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5908 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
FS5908
Rev. 1.2
12/22
13.2.1
ALARM Pin and arm_inv Setup
arm_inv bit in the control register decides the ALARM pin output mode (please refer to the diagram on previous
page), the relationship between arm_inv and ALARM is as follow:
arm_inv is 0:
In comparison operation mode, if the temperature is lower than the lower bound setup, ALARM
is logic standard 1; if the temperature is higher than the upper bound setup, ALARM is logic
standard 0.
In interrupt operation mode, ALARM in general situation is logic standard 1; if sending out the
interrupt signal, ALARM is logic standard 0.
arm_inv is 1:
In comparison operation mode, if the temperature is lower than the lower bound setup, ALARM
is logic standard 0; if the temperature is higher than the upper bound setup, ALARM is logic
standard 1.
In interrupt operation mode, ALARM in general situation is logic standard 0; if send out the
interrupt signal, ALARM is logic standard 1.
In comparison mode, ALARM output can be used to enable cool fan or emergency system, close or reduce
system clock. FS5908 in comparison mode w ill not reset ALARM status when entering stand-by mode.
In interrupt mode, the arm_inv should be set to 0 no matter that it is applied to overcool warning or overheat
warning.
Once detected the temperature exceeded the upper bound value, ALARM will send out the interrupt signal
immediately. In the mean time, to read any FS5908 register via I2C interface will clear ALARM interrupt signal.
ALARM will send out the interrupt signal again until detected the temperature being lower than the lower bound
value. It is the same to clear the interrupt signal via reading the register. FS5908 in interrupt mode will reset
ALARM output when entering stand-by mode.
13.2.2
ALARM Output
ALARM output pin outputs by open-drain (see below diagram), which without inner circuit promotion design. It
will not generate logic high standard unless offering the additional current promotion from external (promotive
resistor generally). The select of promotive resistor depends on the system.
Alarm Generator
based on
T
UpLim and TLowLim
ALARM
Req
Ron
Vp
In above diagram, when current I flows, MOS power consumption is:
Pav =I
2.Ron[I=V
P / (Req+Ron)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com