Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5908 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
FS5908
Rev. 1.2
14/22
14. Internal Register Structure and Data Format
Point er f 3h
I2 C Inter f ace
Point er R egis t er
Def aul t: 00h
D efaul t ( Ini ti al
States )
:
1. T emp. upper and l ower
bound
ar e l oaded i n the r eg . when
power res et or C S res et.
2. T he defaul t val ue means
the
r es our c e and s tatus of the
c or r es pondi ng r eg . val ue when
power res et or C S res et.
3.
PR OM 8< 0> i s c l os e bi t.
4.
PR OM 9< 1> i s addl oc k bi t.
SC L
SD A
O TP1<7:0>
( R /W)
O TP2<7:0>
( R /W)
O TP3<7:0>
( R /W)
O TP4<7:0>
( R /W)
O TP5<7:0>
( R /W)
PR OM6<7: 0>
Tem p. R egis t er (R eg0; R )
ControlRegister (Reg1;R/W)
Def ault:00h
U pper Bound R eg i s ter (T
UpLim ;R/W)
Default:
PROM8<4:2>,PROM7<7:0>
Lower Bound R eg i s ter ( T
LowLim ;R/W)
Default:
PROM8<7:5>,PROM6<7:0>
Tes t R egis t er (R eg4; R / W )
Tes t R egis t er (R eg5; R )
I D c ode = 0010, 0110
(R )
PR OM7<7: 0>
PR OM8<7: 0>
PR OM9<7: 0>
Poi nt er f f h
Point er f 6h
Point er f 5h
Point er f 4h
Point er f 2h
Point er 00h
Point er 01h
Point er 02h
Point er 03h
Point er 04h
Point er 05h
PR OM1<7: 0>
PR OM2<7: 0>
PR OM3<7: 0>
PR OM4<7: 0>
PR OM5<7: 0>
s el_opt <3: 0>@0000 or 1111
s el_opt <3: 0>@0001 or 1111
s el_opt <3: 0>@0010 or 1111
s el_opt <3: 0>@0011 or 1111
s el_opt <3: 0>@0100 or 1111
s el_opt <3: 0>@0101 or 1111
s el_opt <3: 0>@0110 or 1111
s el_opt <3: 0>@0111 or 1111
s el_opt <3: 0>@1000 or 1111
I2 C Add. Reg. (Reg6;R)
Add. Code
A6~A1<---PROM9<7:2>
ad d l o c k = 1
Address Code
A6~A1<---100100
ad dl oc k = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com