Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS5908 Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
FS5908
Rev. 1.2
18/22
15. Digital Interface
FS5908 takes I
2C as digital data transmission interface. It has SCL and SDA two signal lines: SCL is a clock
signal that is the input pin in FS5908, and SDA is two-way serial data I/O pin. For the I/O format, please refer to
SMBus specification.
15.1 Address
Base on I2C interface rules, FS5908 has 7 bits address plus 1 bit read and write control signal (R/W). When
R/W is 0 means writing; 1 means reading. The complete address bytes are as follow:
7
6
5
4
3
2
1
0
A6
A5
A4
A3
A2
A1
A0
R/W
A6 ~ A1 can be setup via programming PROM in the chip.
When A0 is 0, it is 100100.
When A0 is 1, A6 ~ A1 ← PROM9<7:2>
External Pin
Read and Write Control
15.2 Pointer
Pointer is to select the register to read and write. Its corresponding relationship with register is as follow.
Pointer
Name
Length
Status
h’00
REG0
16 bits (2 bytes)
R
h’01
REG1
8 bits (1 byte)
R/W
h’02
TUpLim
16 bits (2 bytes)
R/W
h’03
TLowLim
16 bits (2 bytes)
R/W
h’04
REG4
8 bits (1 byte)
R/W
h’05
REG5
8 bits (1 byte)
R
h’06
REG6
8 bits (1 byte)
R
h’f2
PROM1
8 bits (1 byte)
R/W
h’f3
PROM2
8 bits (1 byte)
R/W
h’f4
PROM3
8 bits (1 byte)
R/W
h’f5
PROM4
8 bits (1 byte)
R/W
h’f6
PROM5
8 bits (1 byte)
R/W
h’f7
PROM6
8 bits (1 byte)
R
h’f8
PROM7
8 bits (1 byte)
R
h’f9
PROM8
8 bits (1 byte)
R
h’fa
PROM9
8 bits (1 byte)
R
h’ff
IDcode
8 bits (1 byte)
R
15.3 Register Writing Process
The process to write FS5908 register via I2C includes:
(1) Write address
(2) Write pointer
(3) Write data
The first byte of writing data is the highest byte of the record, and the first bit of every byte is the highest bit of
the byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com