Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS8853 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
FS8853
Rev. 2.7
3/15
1. General Description
The FS8853 is a low-dropout linear regulator that
operations in the input voltage range from +2.5V to
+9.0V and delivers 300mA output current.
The high-accuracy output voltage is preset at an
internally trimmed voltage 1.8V to 3.3V. Other output
voltages can be mask-optioned from 1.5V to 5.0V
with 100mV increment.
The FS8853 consists of a 1.25V bandgap reference,
an error amplifier, and a P-channel pass transistor.
Other features include short-circuit protection and
thermal shutdown protection. The FS8853 devices
are available in SOT-89 and SOT-23 packages.
2. Features
Low dropout voltage 400mV at 300mA (Typ.)
Up to ±35mV output voltage accuracy (VIN≦7V)
Preset at 1.8V, 3.3V
Mask options from 1.5V to 5.0V
Quiescent current 30µA at 5V input (Typ.)
Small output capacitor
Output current limit
Thermal overload shutdown protection
SOT-89 and SOT-23 Package
3. Applications
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Post Regulator for Switching Power
4. Ordering Information
FS8853-xx x x
Package
Pin Out
C : SOT-23
1.GND 2.OUT 3.IN
L : SOT-89
1.GND 2.IN
3.OUT
I : SOT-89
1.OUT 2.GND 3.IN
Package Type
G : G stands for Green-Package
Output Voltage
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
36 : 3.6V
Note: Mask option output types are
available by order only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com