Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853 Datasheet(PDF) 14 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 14 Page - Fortune Semiconductor Corp.

Back Button FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
FS8853
Rev. 2.7
14/15
15. Revision History
Version
Date
Page
Description
1.1
2003/04/08
1
Features: The original statement of “Logic Control Shutdown
Function” is a misdescription.
1.1
2003/04/08
1
Ordering Information: The meaning of “C” in Temperature Range is
revised from “-40
to +70 ” to “Commercial Standard”.
℃℃
1.1
2003/04/08
4
Absolute Maximum Ratings : Add Operating Junction Temperature
Range -40
to +125 ; Operating Ambient Temperature Range is
℃℃
revised from “-40
to +80 ” to “
℃℃
-40
to +85”
℃℃
1.!
2003/04/08
5
Electrical
Characteristics:
Revise
“Fixed
Voltage
Type
VIN VOUT+0.4V” to “VIN VOUT+0.48V”. Divide “Output Voltage
≧≧
Accuracy” into two sections: When VIN 7V, it is ±35mV; when 7V
≦
<
VIN 9V, it is ±42mV. For the MAX. value of Dropout Voltage,
≦
when IOUT=1mA, 1.15mV is revised to 1.30mV; when
IOUT=100mA,130mV is revised to 145mV; when IOUT=300mA,
400mV is revised to 480mV.
1.2
2003/05/09
5
Electrical Characteristics : Cancel example VOUT=3.3V, and show
the whole range of VOUT (Fixed Voltage Type VOUT=1.3V~4.5V)
1.2
2003/05/09
6
Typical Operating Characteristics: Cancel example VOUT=3.3V,
and show the whole range of VOUT (Fixed Voltage Type
VOUT=1.3V~4.5V)
1.3
2003/12/12
1
General Description: Change “But for FS8853-19Cx, the output is
1.85V. For FS8853-29Cx, the output is 2.85V.” to "except
FS8853-29Cx which has 2.85V output voltage.”
1.3
2003/12/12
1
Features : Change "Low dropout voltage 120mV at 100mA" to
"Low dropout voltage 400mV at 300mA"
1.3
2003/12/12
1
Ordering Information: Change 1.85V option to 1.9V.
1.3
2003/12/22
5
Electrical Characteristics: Change dropout voltage at Iout=300mA
from 380mV to 400mV.
1.4
2004/03/16
1
General Description: Correct wording.
1.4
2004/03/16
3
Pin description: Correct wording.
1.4
2004/03/16
3
Change Function Block Diagrams to Functional Block Diagrams.
1.4
2004/03/16
4
Change Typical Application Schematic to Typical Application Circuit.
1.4
2004/03/16
4
Absolute
Maximum
Ratings:
Remove
Operating
ambient
temperature range.
1.4
2004/03/16
5
Electrical Characteristics: Add Symbol column.
1.4
2004/03/16
6
Typical
Operating
Characteristics:
Change
all
labels
"TEMPERATURE" to "AMBIENT TEMPERATURE". Current header
"Ron vs. LOAD CURRENT"
1.4
2004/03/16
9/10
Detail Description: Correct wording.
1.4
2004/03/16
11
Change Package Information to Package Outline
1.4
2004/03/16
11/12
/13
Package
Outline
:
Update
SOT-23/SOT-89/TO-92
package
diagrams.
1.4
2004/03/16
All
Update page header and footer to standard format. Update page
layout and style to standard format.
1.5
2004/05/11
1
Ordering Information: Add Pb/P free package option
1.5
2004/05/11
2
Pin Configurations: Change SOT-23 marking
1.5
2004/05/11
2
Package Marking Information: Change SOT-23 marking information,
Add Pb/P free package marking information
1.5
2004/05/11
4
Absolute Maximum Rating: Change continuous power dissipation
values and add notes. Add maximum junction temperature +155°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com