Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853 Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS8853 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
FS8853
Rev. 2.7
8/15
12. Typical Operating Characteristics
(VIN=5.0V, CIN=1µF, COUT=3.3µF, TA=+25 ,
℃
FS8853-33PL tested, unless otherwise noted.)
Output Voltage vs. Input Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
012345678
9
Input Voltage (V)
Dropout Voltage vs. Output current
0
100
200
300
400
500
0
50 100 150 200 250 300 350 400
Output Current (mA)
Power Supply Rejection Ratio vs.
Frequency
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
Frequency (kHz)
Ground Pin Curre nt vs . Te m pe rature
24.5
25.0
25.5
26.0
26.5
27.0
27.5
28.0
-40
-20
0
2040
6080
Tem perature (°C)
1mA
100mA
200mA
300mA
Ron vs. Output curre nt
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
0
50 100 150 200 250 300 350 400
Output Curre nt (m A)
Ground Pin Current vs . Output
Current
25.4
25.45
25.5
25.55
25.6
25.65
25.7
25.75
25.8
0
50 100 150 200 250 300 350 400
Output Current (m A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com