Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8853 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS8853
Description  300 mA LDO Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8853 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS8853 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS8853 Datasheet HTML 15Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
FS8853
Rev. 2.7
12/15
If the FS8853 uses a SOT-89 package and
this package is mounted on a double sided
printed circuit board with two square inches
of copper allocated for “heat spreading”, the
resulting θJA is 180 °C/W.
Based
on
a
maximum
operating
junction
temperature 125 °C with an ambient of 25°C, the
maximum power dissipation will be:
() (
)
W
T
T
P
CA
JC
A
J
MAX
555
.
0
180
25
125
=
−
=
+
−
=
θ
θ
Thermal characteristics were measured using a
double sided board with 1” x 2” square inches of
copper area connected to the GND pin for “heat
spreading”.
Input-Output Voltage
A
regulator’s
minimum
input-output
voltage
differential, or dropout voltage, determines the
lowest usable supply voltage. In battery-powered
systems, this will determine the useful end-of-life
battery voltage. The FS8853 uses a P-channel
MOSFET pass transistor, its dropout voltage is a
function of drain-to-source on-resistance (RDS(ON))
multiplied by the load current.
VDROPOUT = VIN-VOUT = RDS(ON) x IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com