Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR4255 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR4255
Description  AM/FM RECEIVER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR4255 Datasheet HTML 9Page - ATMEL Corporation ATR4255 Datasheet HTML 10Page - ATMEL Corporation ATR4255 Datasheet HTML 11Page - ATMEL Corporation ATR4255 Datasheet HTML 12Page - ATMEL Corporation ATR4255 Datasheet HTML 13Page - ATMEL Corporation ATR4255 Datasheet HTML 14Page - ATMEL Corporation ATR4255 Datasheet HTML 15Page - ATMEL Corporation ATR4255 Datasheet HTML 16Page - ATMEL Corporation ATR4255 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
ATR4255
4837A–AUDR–10/04
MPX Output
The output of the AM demodulator (AM mode) or the output of the FM demodulator
(FM/WB mode) are available at the MPX output (pin 11).
The MPX output signal can be muted by setting bit 7 to bit 1.
The bandwidth of the lowpass filter at the MPX output can be set by means of bit 79 to
90 kHz or 180 kHz.
Receiving Condition
Analyzer
The ATR4255 implements several sensors that provide information about the receiving
condition of the selected station.
Field Strength Sensor
The field strength sensor provides a DC voltage at pin 9 which represents the logarith-
mic field strength of the signal in the reception band.
The field strength information can be retrieved either from a level detector at the input of
the 2
nd mixer (pin 26) or from the IF-AGC depending on the setting of bit 80. The band-
width of the field strength detection in the AGC is smaller than by using the level
detector because of additional selectivity between the 2
nd mixer and the 2nd IF amplifier
particularly in AM and WB, but the field strength detection in the AGC is limited to the IF
AGC range. Usually the field strength from the level detector is used in FM mode and
the AGC field strength is used in AM mode.
Search Stop Detector
A search stop detector is available in AM and FM/WB mode. A STOP condition is
signaled if the frequency of the ZF signal is within a window around the center frequency
of 450 kHz. The width of this search stop window can be set by bit 85 to bit 87 in the
range of 0.5 kHz to 80 kHz. The frequency of the ZF signal is measured by counting the
number of periods of the ZF signal during a measurement time which is determined by
bit 73 to bit 78. The inverted STOP signal is available at pin 21 according to Table 25 on
page 14. The frequency of 10.25 MHz at pin 22 is used as time reference.
Table 20. MPX Output Mute
MPX Output
Bit 7
MPX out, pin 11 normal operation
0
Mute ON
1
Table 21. MPX Output Bandwidth
Bandwidth MPX Lowpass Filter
Bit 79
90 kHz
0
180 kHz
1
Table 22. Field Strength Selection
Field Strength Narrow Band/Wide Band
Bit 80
Fieldstrength at pin 26 (wide band)
0
Fieldstrength from IF-AGC (narrow band)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com