Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR4255 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR4255
Description  AM/FM RECEIVER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR4255 Datasheet HTML 2Page - ATMEL Corporation ATR4255 Datasheet HTML 3Page - ATMEL Corporation ATR4255 Datasheet HTML 4Page - ATMEL Corporation ATR4255 Datasheet HTML 5Page - ATMEL Corporation ATR4255 Datasheet HTML 6Page - ATMEL Corporation ATR4255 Datasheet HTML 7Page - ATMEL Corporation ATR4255 Datasheet HTML 8Page - ATMEL Corporation ATR4255 Datasheet HTML 9Page - ATMEL Corporation ATR4255 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
ATR4255
4837A–AUDR–10/04
AM RF-AGC
The AM RF-AGC controls the current into the AM pin diodes (pin 7) and the source drain
voltage of the MOSFET in the AM preamplifier stage (pin 6) to limit the level at the AM
mixer input (pin 3, pin 41). This threshold level can be set by bit 62 and bit 63. If the
level at the AM mixer input exceeds the selected threshold, the current into the AM pin
diodes is increased. If this step is not sufficient, the source drain voltage of the MOSFET
is decreased. The time constant of the AGC control loop can be adjusted by changing
the value of the capacitor at pin 8.
FM 1st Mixer
In the 1st FM mixer stage, the FM reception frequency is down converted to the 1st IF
frequency. The VCO frequency is used as LO frequency for the mixer.
AM 1st Mixer
The AM 1st mixer is used for up-conversion of the AM reception frequency to the 1st IF
frequency. Therefore, an AM prescaler is implemented to generate the necessary LO
frequency from the VCO frequency. The divide factor of the AM prescaler can be
selected according to Table 5.
FM 1st IF Amplifier
A programmable gain amplifier is used in FM and WB mode between pin 38 and pin 30
to compensate the loss in the external ceramic band filters. The gain of this amplifier is
adjusted by bit 89 to bit 91. The input and the output resistance is 330
Ω and fits to
external ceramic filters.
Two different temperature coefficients of the FM IF amplifier can be selected by bit 66.
Table 4. AM-AGC Threshold
AM-AGC Threshold
Bit 63
Bit 62
99 dBµV
0
0
102 dBµV
0
1
104 dBµV
1
0
105 dBµV
1
1
Table 5. Divide Factor of the AM Prescaler
Divider AM Prescaler
Bit 93
Bit 92
Bit 84
Bit 83
Bit 82
Bit 81
Divide by 10
1
0
x
0
0
0
Divide by 6
1
0
x
0
0
1
Divide by 7
1
0
x
0
1
0
Divide by 8
1
0
x
1
0
0
Divide by 4
1
0
x
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com