Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR4255 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATR4255
Description  AM/FM RECEIVER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATR4255 Datasheet HTML 1Page - ATMEL Corporation ATR4255 Datasheet HTML 2Page - ATMEL Corporation ATR4255 Datasheet HTML 3Page - ATMEL Corporation ATR4255 Datasheet HTML 4Page - ATMEL Corporation ATR4255 Datasheet HTML 5Page - ATMEL Corporation ATR4255 Datasheet HTML 6Page - ATMEL Corporation ATR4255 Datasheet HTML 7Page - ATMEL Corporation ATR4255 Datasheet HTML 8Page - ATMEL Corporation ATR4255 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
ATR4255
4837A–AUDR–10/04
Figure 1. Block Diagram
Pin Configuration
Figure 2. Pinning SSO44
30 29
MX2IN
MX2OB
AM
4
3
2
7
6
41
26
23
AMAGC
AMVREG
MX1AMA
MX1AMB
GNDMX
MX1FMB
AMPLPF
MX1OA
IF1FMI
8
43
38
MX2OA
IF2IN
V3P
IF2OUT
24
28
27
20
IF1REF
IF1AMI
IF1OUT
V3
39
33
AGC
15
16
14
1
MX1FMA
OSCOUT
GNDOSC
OSCE
13
OSCB
MX1OB
44
FM
Divider
AM
FM
OSC
AGC
V3
Bus
FMAGC
EN
CLK
DATA
17 18 19
5
Bandgap
METER
V57
GND
VS
12 25 42
9
V3
ADJAC
MX2LO
22
10
DEV
INT
MULTIP
SMUTE
21
40
34
31
INT
Adj.
chan
.
Stop
Multi-
path
AGC
AM
dem.
32
36
35
37
11
OPLPF
IFAGCL
IFAGCCH
FILADJ
MPX
Automatic
adjustment
Soft
mute
Dev.
ana.
FM
dem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com