Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR4255 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATR4255
Description  AM/FM RECEIVER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATR4255 Datasheet HTML 17Page - ATMEL Corporation ATR4255 Datasheet HTML 18Page - ATMEL Corporation ATR4255 Datasheet HTML 19Page - ATMEL Corporation ATR4255 Datasheet HTML 20Page - ATMEL Corporation ATR4255 Datasheet HTML 21Page - ATMEL Corporation ATR4255 Datasheet HTML 22Page - ATMEL Corporation ATR4255 Datasheet HTML 23Page - ATMEL Corporation ATR4255 Datasheet HTML 24Page - ATMEL Corporation ATR4255 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
ATR4255
4837A–AUDR–10/04
3FM RF-AGC
3.1
Saturation voltage
No input signal
5
8.3
V
A
3.2
Saturation voltage
No input signal
5
V
S - 0.2
V
B
3.3
Threshold level
In-band signal
30
110
dBµV
D
3.4
Maximum threshold
level
Out-of-band signal
(110 MHz),
bit 64, 65 = 0
1
100
102
104
dBµV
A
4
AM RF-AGC, AM Mode (Bit 92 = 0, Bit 93 = 1)
4.1
Saturation voltage
No input signal
7
8.3
V
A
4.2
Saturation voltage
No input signal
7
V
S - 0.2
V
B
4.3
Output voltage for
minimum gain
Bit 92 = 1
7
6.5
6.8
7.1
V
A
4.4
Output voltage for
minimum gain
Bit 92 = 1
7
V
S - 1.7
V
B
4.5
Maximum control
voltage
V(pin 8) = 3 V
6
6.5
7.0
7.5
V
A
4.6
Maximum control
voltage
V(pin 8) = 3 V
6
V
S - 1.5
V
B
4.7
Minimum control
voltage
V(pin 8) = 6 V
6
0.2
0.7
V
A
4.8
Minimum threshold
level
Bits 62, 63 = 0
41
97
99
101
dBµV
A
5
AM Mixer, AM Mode (Bit 92 = 0, Bit 93 = 1)
5.1
Supply current
Sum of current in
pins 43, 44
43, 44
14
16
20
mA
A
5.2
Conversion
conductance
3, 41,
43, 44
4.1
mS
D
5.3
3
rd-order input
intercept point
Pin 3 AC-grounded
41
IP3AMmix
132
dBµV
C
5.4
Noise figure (SSB)
Generator resistance
2.5 k
Ω (pin 41)
43, 44
NF
AMmix
14
dB
C
5.5
Input bias DC voltage
3, 41
2.4
2.6
2.9
V
A
5.6
Input resistance
Single-ended, pin 39
AC-grounded
3, 41
2.5
k
Ω
D
5.7
Input capacitance
3, 41
3
pF
D
5.8
Maximum output
voltage
Differential
43, 44
12
Vpp
D
5.9
Output resistance
43, 44
100
k
Ω
D
6
FM Mixer (FM Mode (Bit 92 = 1, Bit 93 = 0)
6.1
Supply current
Sum of current in
pins 43, 44
43, 44
15
17.5
20
mA
A
6.2
Conversion
conductance
1, 2,
43, 44
7mS
D
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified): V
S = 8.5 V, Tamb = 25°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com