Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC885ZP66 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
52
Freescale Semiconductor
CPM Electrical Characteristics
12.5 Timer AC Electrical Specifications
Table 20 provides the general-purpose timer timings as shown in Figure 52.
Figure 52. CPM General-Purpose Timers Timing Diagram
12.6 Serial Interface AC Electrical Specifications
Table 21 provides the serial interface timings as shown in Figure 53 to Figure 57.
Table 20. Timer Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
—
ns
62
TIN/TGATE low time
1
—
clk
63
TIN/TGATE high time
2
—
clk
64
TIN/TGATE cycle time
3
—
clk
65
CLKO low to TOUT valid
3
25
ns
Table 21. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLK, L1TCLK frequency (DSC = 0) 1, 2
—
SYNCCLK
/2.5
MHz
71
L1RCLK, L1TCLK width low (DSC = 0) 2
P + 10
—
ns
71a
L1RCLK, L1TCLK width high (DSC = 0) 3
P + 10
—
ns
72
L1TXD, L1ST(1–4), L1RQ, L1CLKO rise/fall time
—
15.00
ns
73
L1RSYNC, L1TSYNC valid to L1CLK edge (SYNC setup time)
20.00
—
ns
74
L1CLK edge to L1RSYNC, L1TSYNC, invalid (SYNC hold time)
35.00
—
ns
CLKO
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com