Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC885ZP66 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
67
Freescale Semiconductor
CPM Electrical Characteristics
Figure 68. SPI Slave (CP = 1) Timing Diagram
12.12I2C AC Electrical Specifications
Table 28 provides the I2C (SCL < 100 KHz) timings.
Table 28. I2C Timing (SCL < 100 KHZ)
Num
Characteristic
All Frequencies
Unit
Min
Max
200
SCL clock frequency (slave)
0
100
KHz
200
SCL clock frequency (master) 1
1.5
100
KHz
202
Bus free time between transmissions
4.7
—
µs
203
Low period of SCL
4.7
—
µs
204
High period of SCL
4.0
—
µs
205
Start condition setup time
4.7
—
µs
206
Start condition hold time
4.0
—
µs
207
Data hold time
0
—
µs
208
Data setup time
250
—
ns
209
SDL/SCL rise time
—
1
µs
SPIMOSI
(Input)
SPICLK
(CI=0)
(Input)
SPICLK
(CI=1)
(Input)
SPIMISO
(Output)
180
Data
181
182
msb
lsb
181
177
182
175
179
SPISEL
(Input)
174
Data
msb
lsb
Undef
178
176
182
msb
msb
172
173
173
171
170
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com