Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC885ZP66 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC885ZP66
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885ZP66 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC885ZP66 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC885ZP66 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
63
Freescale Semiconductor
CPM Electrical Characteristics
Figure 63. Ethernet Transmit Timing Diagram
12.9 SMC Transparent AC Electrical Specifications
Table 25 provides the SMC transparent timings as shown in Figure 64.
Table 25. SMC Transparent Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
150
SMCLK clock period 1
1 SyncCLK must be at least twice as fast as SMCLK.
100
—
ns
151
SMCLK width low
50
—
ns
151A
SMCLK width high
50
—
ns
152
SMCLK rise/fall time
—
15
ns
153
SMTXD active delay (from SMCLK falling edge)
10
50
ns
154
SMRXD/SMSYNC setup time
20
—
ns
155
RXD1/SMSYNC hold time
5
—
ns
TCLK1
128
TxD1
(Output)
128
TENA(RTS1)
(Input)
NOTES:
Transmit clock invert (TCI) bit in GSMR is set.
If RENA is negated before TENA or RENA is not asserted at all during transmit, then the
CSL bit is set in the buffer descriptor at the end of the frame transmission.
1.
2.
RENA(CD1)
(Input)
133
134
132
131
121
129
(NOTE 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com