Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP085 Datasheet(PDF) 6 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 6 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 10Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 6
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
1 Electrical characteristics
If not stated otherwise, the given values are maximum values over temperature/voltage range
in the given operation mode.
Parameter
Symbol
Condition
Min
Typ
Max
Units
operational
-40
+85
Operating temperature
TA
full accuracy
0
+65
°C
VDD
ripple max. 50mVpp
1.8
2.5
3.6
V
Supply voltage
VDDIO
1.62
2.5
3.6
V
IDDLOW
ultra low power mode
3
µA
IDDSTD
standard mode
5
µA
IDDHR
high resolution mode
7
µA
Supply current
@ 1 sample / sec.
25°C
IDDUHR
ultra high res. mode
12
µA
Peak current
Ipeak
during conversion
650
1000
µA
Standby current
IDDSBM
at 25°C
0.1
µA
Serial data clock
fSCL
3.4
MHz
Conversion time
temperature
tC_temp
standard mode
3
4.5
ms
tc_p_low
ultra low power mode
3
4.5
ms
tc_p_std
standard mode
5
7.5
ms
tc_p_hr
high resolution mode
9
13.5
ms
Conversion time
pressure
tc_p_luhr
ultra high res. mode
17
25.5
ms
700 . . . 1100 hPa
0 . . . +65 °C
-2.5
±1.0
+2.5
hPa
300 . . . 700 hPa
0 . . . +65 °C
-3.0
±
1.0
+3.0
hPa
Absolute accuracy
pressure
VDD = 3.3V
300 . . . 1100 hPa
-20 . . . 0 °C
-4.0
±
1.5
+4.0
hPa
pressure
0.01
hPa
Resolution of
output data
temperature
0.1
°C
700 . . . 1100 hPa
@ 25 °C
±
0.2
hPa
Relative accuracy
pressure
VDD = 3.3V
0 . . . 65 °C @ p const.
±0.5
hPa
Noise in pressure
see table on page 10
@ 25 °C
-1.5
±
0.5
+1.5
°C
Absolute accuracy
temperature
VDD = 3.3V
0 . . . +65 °C
-2.0
±1.0
+2.0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com