Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP085 Datasheet(PDF) 23 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 23 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 27Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 23
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
5.5 Printed circuit board (PCB) design
Recommended PCB design (top view):
5.6 Moisture sensitivity level and soldering
The BMP085 is classified MSL 1 (moisture sensitivity level) according to IPC/JEDEC standards
J-STD-020D and J-STD-033A.
The device can be soldered Pb-free with a peak temperature of 260°C for 20 to 40 sec. The
minimum height of the solder after reflow shall be at least 50µm. This is required for good
mechanical decoupling between the sensor device and the printed circuit board (PCB).
The BMP085 devices have to be soldered within 6 months after shipment (shelf life). To ensure
good solder-ability, the devices shall be stored at room temperature (20°C).
The soldering process can lead to an offset shift of typically 1hPa.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com