Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP085 Datasheet(PDF) 25 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 25 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 27Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 25
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
5.8 Mounting and assembly recommendations
Please read the following recommendations carefully:
• The clearance above the metal lid shall be 0.1mm at minimum.
• For the device housing appropriate venting needs to be provided in case the ambient
pressure shall be measured. If waterproof packaging is needed, venting can be
accomplished by a vent element with a membrane like Gore-Tex
(TM).
• Liquids shall not come into direct contact with the device.
• During operation the sensor is sensitive to light, which can influence the accuracy of the
measurement (photo-current of silicon). Therefore, the hole in the top lid shall not be
exposed to direct light during operation.
• The BMP085 shall not the placed close the fast heating parts. In case of gradients
> 3°C/sec. it is recommended to follow Bosch Sensortec application note ANP015,
"Correction of errors induced by fast temperature changes". Please contact your Bosch
Sensortec representative for details.
• For further details, please refer to the BMP085 handling, soldering & mounting
instructions manual that is also available from Bosch Sensortec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com