Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BMP085 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BMP085
Description  Digital pressure sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP085 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BMP085 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP085 Datasheet HTML 27Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
BMP085
Data sheet
Bosch Sensortec
Rev. 1.2
Page 27
15 October 2009
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Specifications are subject to change without notice.
7 Document history and modifications
Rev. No
Chapter Description of modifications/changes
Date
0.1
First edition for description of serial production
material
0.2
Noise data update, peak current added, several
minor changes
19-Feb-2008
0.3
1
Update peak current, typo correction
21-Apr-2008
1
Changed VDDA to VDD and VDDD to VDDIO
21-Apr-2008
3.5
Updated flow diagram
21-Apr-2008
4
New comment on floating XCLR
21-Apr-2008
4.1
Added details on start-up time
21-Apr-2008
5.2
Added package weight
21-Apr-2008
1.0
1
Absolute accuracy at -20°C added
01-July-2008
2
Updated storage temperature
01-July-2008
3.2
Added optional EOC to schematic
01-July-2008
5.7
BMP085 is halogen-free
01-July-2008
1.1
3.3
Added comment on noise data calculation
06-April-2009
3.5
Variable type of B7 is unsigned long
4
Added comment on low active master clear and
120kOhms pull-up resistor
4.2
Added solution to connect two devices BMP085 to
the same I2C bus.
4.4
Added remark about automatic standby-mode
5.6
JEDEC J-STD-020D
5.5
Updated or recommended PCB-design picture
5.8
Explained that light sensitivity is only during operation
1.2
3.5
Added comment on availability of the ref. source
code
15-Oct-2009
Bosch Sensortec GmbH
Gerhard-Kindler-Strasse 8
72770 Reutlingen / Germany
contact@bosch-sensortec.com
www.bosch-sensortec.com
Modifications reserved | Printed in Germany
Specifications are subject to change without notice
Version_1.2_102009
Document number: BST-BMP085-DS000-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com