Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 23Page - STMicroelectronics M29DW128F Datasheet HTML 24Page - STMicroelectronics M29DW128F Datasheet HTML 25Page - STMicroelectronics M29DW128F Datasheet HTML 26Page - STMicroelectronics M29DW128F Datasheet HTML 27Page - STMicroelectronics M29DW128F Datasheet HTML 28Page - STMicroelectronics M29DW128F Datasheet HTML 29Page - STMicroelectronics M29DW128F Datasheet HTML 30Page - STMicroelectronics M29DW128F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 93 page
background image
M29DW128F
6 Command Interface
27/93
6
Command Interface
All Bus Write operations to the memory are interpreted by the Command Interface. Commands
consist of one or more sequential Bus Write operations. Failure to observe a valid sequence of
Bus Write operations will result in the memory returning to Read mode. The long command
sequences are imposed to maximize data security.
The address used for the commands changes depending on whether the memory is in 16-bit or
8-bit mode.
6.1
Standard commands
See either Table 12, or Table 11, depending on the configuration that is being used, for a
summary of the Standard commands.
6.1.1
Read/Reset command
The Read/Reset command returns the memory to Read mode. It also resets the errors in the
Status Register. Either one or three Bus Write operations can be used to issue the Read/Reset
command.
The Read/Reset command can be issued, between Bus Write cycles before the start of a
program or erase operation, to return the device to Read mode. If the Read/Reset command is
issued during the time-out of a Block erase operation, the memory will take up to 10µs to abort.
During the abort period no valid data can be read from the memory.
The Read/Reset command will not abort an Erase operation when issued while in Erase
Suspend.
6.1.2
Auto Select command
The Auto Select command is used to read the Manufacturer Code, the Device Code, the
Protection Status of each block (Block Protection Status) and the Extended Block Protection
Indicator. It can be addressed to either Bank.
Three consecutive Bus Write operations are required to issue the Auto Select command. Once
the Auto Select command is issued Bus Read operations to specific addresses output the
Manufacturer Code, the Device Code, the Extended Block Protection Indicator and a Block
Protection Status (see Table 11 and Table 12 in conjunction with Table 4, Table 5, Table 7 and
Table 8). The memory remains in Auto Select mode until a Read/Reset or CFI Query command
is issued.
6.1.3
Read CFI Query command
The Read CFI Query Command is used to put the addressed bank in Read CFI Query mode.
Once in Read CFI Query mode Bus Read operations to the same bank will output data from the
Common Flash Interface (CFI) Memory Area. If the read operations are to a different bank from
the one specified in the command then the read operations will output the contents of the
memory array and not the CFI data.
One Bus Write cycle is required to issue the Read CFI Query Command. Care must be taken to
issue the command to one of the banks (A22-A19) along with the address shown in Table 3 and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com