Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 27Page - STMicroelectronics M29DW128F Datasheet HTML 28Page - STMicroelectronics M29DW128F Datasheet HTML 29Page - STMicroelectronics M29DW128F Datasheet HTML 30Page - STMicroelectronics M29DW128F Datasheet HTML 31Page - STMicroelectronics M29DW128F Datasheet HTML 32Page - STMicroelectronics M29DW128F Datasheet HTML 33Page - STMicroelectronics M29DW128F Datasheet HTML 34Page - STMicroelectronics M29DW128F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 93 page
background image
M29DW128F
6 Command Interface
31/93
One of the Erase Commands must be used to set all the bits in a block or in the whole memory
from ’0’ to ’1’.
6.1.11 Verify command
The Verify command is used to check if a block is blank or in other words, if it has been
successfully erased and all its bits set to ’1’. It reads the value of the Error Bit DQ5. If the Error
Bit is set to ’1’, it indicates that the operation failed.
Three cycles are required to issue a Verify command:
1.
The command starts with two unlock cycles.
2.
The third Bus Write cycle sets up the Verify command code along with the address of the
block to be checked.
Table 11.
Standard Commands, 8-bit Mode
Command
Bus Operations(1)(2)
1.
Grey cells represent Read cycles. The other cells are Write cycles.
2.
X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block, BKA Bank Address. All values in the
table are in hexadecimal.
1st
2nd
3rd
4th
5th
6th
Add
Data Add
Dat
a
Add
Data Add Data Add Data Add Data
Read/Reset
1X
F0
3
AAA
AA
555
55
X
F0
Auto
Select
Manufacturer Code
3
AAA
AA
555
55
(BKA)
AAA
90
(3)
3.
The Auto Select addresses and data are given in Table 4: Read Electronic Signature, 8-bit Mode, and Table 5: Block
Protection, 8-bit Mode, except for A9 that is ‘Don’t Care’.
(3)
Device Code
Extended Block Protection
Indicator
Block Protection Status
Program
4
AAA
AA
555
55
AAA
A0
PA
PD
Verify
3
AAA
AA
555
55
BA
BC
Chip Erase
6
AAA
AA
555
55
AAA
80
AA
A
AA
555
55
AAA
10
Block Erase
6
+
AAA
AA
555
55
AAA
80
AA
A
AA
555
55
BA
30
Erase/Program Suspend
1
BKA
B0
Erase/Program Resume
1
BKA
30
Read CFI Query
1
(BKA)
AAA
98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com