Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 43 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M29DW128F Datasheet HTML 39Page - STMicroelectronics M29DW128F Datasheet HTML 40Page - STMicroelectronics M29DW128F Datasheet HTML 41Page - STMicroelectronics M29DW128F Datasheet HTML 42Page - STMicroelectronics M29DW128F Datasheet HTML 43Page - STMicroelectronics M29DW128F Datasheet HTML 44Page - STMicroelectronics M29DW128F Datasheet HTML 45Page - STMicroelectronics M29DW128F Datasheet HTML 46Page - STMicroelectronics M29DW128F Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
M29DW128F
6 Command Interface
43/93
Set Non-
Volatile Modify
Protection Bit(5)
(6)
6
555
AA
2AA
55
555
60
(BA)/
NVMP
68
(BA)/
NVMP
48
(BA)/
NVMP
DQ0
Verify Non-
Volatile Modify
Protection Bit
4
555
AA
2AA
55
555
60
(BA)/
NVMP
48
(BA)/
NVMP
DQ0
Clear Non-
Volatile Modify
Protection
Bits(12)(13)(14)
6
555
AA
2AA
55
555
60
NVMP
60
(BA)/
NVMP
40
(BA)/
NVMP
DQ0
Set Lock-Down
bit
3
555
AA
2AA
55
555
78
Verify Lock-
Down bit(15)
4
555
AA
2AA
55
555
58
BA
DQ1
Set Lock Bit(7)
4
555
AA
2AA
55
555
48
BA
X1h
Clear Lock
Bit(7)
4
555
AA
2AA
55
555
48
BA
X0h
Verify Lock Bit
4
555
AA
2AA
55
555
58
BA
DQ0
Set Standard
Protection
Mode(5)(6)
6
555
AA
2AA
55
555
60
SL
68
SL
48
SL
DQ0
Verify Standard
Protection
Mode(5)
4
555
AA
2AA
55
555
60
SL
DQ0
1.
Grey cells represent Read cycles. The other cells are Write cycles.
2.
SA Protection Group Address, BA Any address in the Block, BKA Bank Address, SL Standard Protection Mode Lock bit
Address, PL Password Protection Mode Lock Bit Address, PW Password Data, PWA Password Address, RPW Password
Data Being Verified, NVMP Non-Volatile Modify Protection Bit Address, OW Extended Block Protection Bit Address, X Don’t
Care. All values in the table are in hexadecimal.
3.
Addresses are described in Table 17: Protection Command Addresses.
4.
During Unlock and Command cycles, if the lower address bits are 555h or 2AAh then the address bits higher than A11
(except where BA is required) and data bits higher than DQ7 are Don't Care.
5.
A Reset Command must be issued to return to the Read mode.
6.
The 4th Bus Write cycle programs a protection bit (Extended Block Protection bit, Password Protection Mode Lock bit,
Standard Protection Mode Lock bit, and a block NVMP bit). The 5th and 6th cycles verify that the bit has been successively
programmed when DQ0=1. If DQ0=0 in the 6th cycle, the program command must be issued again and verified again. A
100µs delay is required between the 4th and the 5th cycle.
7.
Data is latched on the rising edge of W.
8.
The entire command sequence must be entered for each portion of the password.
9.
The command sequence returns FFh if the Password Protection Mode locking bit is set.
10. The password is written over four consecutive cycles, at addresses [0-3]
11. A 2µs timeout is required between any two portions of the password.
12. A 10ms delay is required between the 4th and the 5th cycle.
13. A 12ms timeout is required between cycles 4 and 5.
Command
Bus Operations(1)(2)(3)(4)
1st
2nd
3rd
4th
5th
6th
7th
Add
Data
Add
Data
Add Data
Add
Data
Add
Data
Add
Data
Add
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com