Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-DHT Datasheet(PDF) 6 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 6 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 9Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 10Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
Version 2.2
6
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Ball Configuration
– 78 Ball VFBGA Package (X8)
<TOP View>
See the balls through the package
1
2
3
4 5 6
7
8
9
A
VSS
VDD
NC
NU/
T
VSS
VDD
A
B
VSS
VSSQ
DQ0
DM/TDQS
VSSQ
VDDQ
B
C
VDDQ
DQ2
DQS
DQ1
DQ3
VSSQ
C
D
VSSQ
DQ6

VDD
VSS
VSSQ
D
E
VREFDQ
VDDQ
DQ4
DQ7
DQ5
VDDQ
E
F
NC
VSS
RA
CK
VSS
NC
F
G
ODT
VDD
A

VDD
CKE
G
H
NC

WE
A10/AP
ZQ
NC
H
J
VSS
BA0
BA2
NC
VREFCA
VSS
J
K
VDD
A3
A0
A12/

BA1
VDD
K
L
VSS
A5
A2
A1
A4
VSS
L
M
VDD
A7
A9
A11
A6
VDD
M
N
VSS
REET
A13
NC
A8
VSS
N
1
2
3
4 5 6
7
8
9
Unit: mm
* BSC (Basic Spacing between Center)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com