Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-DHT Datasheet(PDF) 96 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 96 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 92Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 93Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 94Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 95Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 96Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 97Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 98Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 99Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 100Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
Version 2.2
96
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3 Allowed time before ringback (tDVAC) for CK -
 and DQS - 
Slew Rate
[V/ns]
DDR3-800 / 1066 / 1333 / 1600
DDR3-1866 / 2133
tDVAC [ps]
@ |VIH/Ldiff(AC)| =
350mV
tDVAC [ ps ]
@ |VIH/Ldiff(AC)| =
300mV
tDVAC [ ps ]
@ |VIH/Ldiff(AC)| =
(DQS -
) only
tDVAC [ ps ]
@ |VIH/Ldiff(AC)| =
300mV
tDVAC [ ps ]
@ |VIH/Ldiff(AC)| =
(CK -
) only
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
> 4.0
75
-
175
-
214
-
134
-
139
-
4.0
57
-
170
-
214
-
134
-
139
-
3.0
50
-
167
-
191
-
112
-
118
-
2.0
38
-
119
-
146
-
67
-
77
-
1.8
34
-
102
-
131
-
52
-
63
-
1.6
29
-
81
-
113
-
33
-
45
-
1.4
22
-
54
-
88
-
9
-
23
-
1.2
note
-
19
-
56
-
note
-
note
-
1.0
note
-
note
-
11
-
note
-
note
-
< 1.0
note
-
note
-
note
-
note
-
note
-
NOTE 1. Rising input differential signal shall become equal to or greater than VIHdiff(ac) level and Falling input differential signal shall become
equal to or less than VILdiff(ac) level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com