Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-DHT Datasheet(PDF) 73 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 73 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 69Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 70Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 71Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 72Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 73Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 74Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 75Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 76Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 77Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 160 page
background image
Version 2.2
73
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
ODT during Reads:
As the DDR3(L) SDRAM cannot terminate and drive at the same time, RTT must be disabled at least half a clock cycle
before the read preamble by driving the ODT pin low appropriately. RTT may not be enabled until the end of the post-amble
as shown in the following figure. DRAM turns on the termination when it stops driving which is determined by tHZ. If DRAM
stops driving early (i.e. tHZ is early), then tAONmin time may apply. If DRAM stops driving late (i.e. tHZ is late), then DRAM
complies with tAONmax timing. Note that ODT may be disabled earlier before the Read and enabled later after the Read
than shown in this example.
ODT must be disabled externally during Reads by driving ODT low. (Example: CL=6;
AL=CL-1=5; RL=AL+CL=11; CWL=5; ODTLon=CWL+AL-2=8; ODTLoff=CWL+AL-2=8)
CK
CK
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
T12
T13
T14
T15
T16
CMD
Address
RL = AL + CL
RTT_NOM
RTT
ODTLoff = CWL + AL - 2
tAOFmax
tAOFmin
ODTLon = CWL + AL - 2
RTT_NOM
tAONmax
ODT
DRAM
ODT
DQSdiff
Din
b
Din
b+1
Din
b+2
Din
b+3
Din
b+4
Din
b+5
Din
b+6
Din
b+7
DQ
Read
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com