Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB64M16GP-DHT Datasheet(PDF) 95 Page - Nanya Technology Corporation.

Part # NT5CB64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB64M16GP-DHT Datasheet(HTML) 95 Page - Nanya Technology Corporation.

Back Button NT5CB64M16GP-DHT Datasheet HTML 91Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 92Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 93Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 94Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 95Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 96Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 97Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 98Page - Nanya Technology Corporation. NT5CB64M16GP-DHT Datasheet HTML 99Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 160 page
background image
Version 2.2
95
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Definition of differential ac-
swing and “time above ac-level”
Time
tDVAC
tDVAC
Half cycle
VIH.Diff.AC.min
VIH.Diff. DC min
VIL.Diff.AC.max
0
VIL. Diff. DC max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com