Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL191C Datasheet(PDF) 10 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 10 Page - Generalplus Technology Inc.

Back Button GPL191C Datasheet HTML 6Page - Generalplus Technology Inc. GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. GPL191C Datasheet HTML 10Page - Generalplus Technology Inc. GPL191C Datasheet HTML 11Page - Generalplus Technology Inc. GPL191C Datasheet HTML 12Page - Generalplus Technology Inc. GPL191C Datasheet HTML 13Page - Generalplus Technology Inc. GPL191C Datasheet HTML 14Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
10
Mar. 08, 2010
Version: 1.1
7. ELECTRICAL SPECIFICATIONS
7.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
-0.5V to V+ + 0.5V
Operating Temperature
TA
0℃ to +60℃
Storage Temperature
TSTO
-50℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause operational errors or damage to the device. For normal operational
conditions see AC/DC Electrical Characteristics.
7.2. DC Characteristics
Limit
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Test Condition
2.4
-
3.6
V
For 2-battery
Operating Voltage
VDD
3.6
-
5.5
V
For 3-battery
Operating Current
IOP
-
650
-
μA
FOSC = 4.0MHz, FCPU = 1.0MHz @
3.0V, no load
Standby Current
ISTBY
-
-
1.0
μA
VDD = 3.0V, ALL OFF
Halt Current
IHALT
-
16
-
μA
VDD = 3.0V, 32K X’tal ON, LCD ON,
VLCD = 4.8V, no LCD panel
-
-60
-
mA
VDD = 3.0V, VOH = 2.5V
Audio Output Current
IOH
-
-115
-
mA
VDD = 3.0V, VOH = 2.0V
-
75
-
mA
VDD = 3.0V, VOL = 0.5V
Audio Output Current
IOL
-
145
-
mA
VDD = 3.0V, VOL = 1.0V
VLCD Variation
VLCD_VAR
-
±0.2
-
V
VDD = 2.4V – 5.4V, VLCD = 4.8V
No LCD panel applied
Low Voltage Detection Level
VLV26
2.50
2.60
2.70
V
-
Voltage difference of 2.6V and
2.4V detection level
VDIF
0.1
-
-
V
-
Input High Level
VIH
2.0
-
-
V
VDD = 3.0V
Input Low Level
VIL
-
-
0.8
V
VDD = 3.0V
Output High Current (I/O)
IOH
-
-3.3
-
mA
VDD = 3.0V, VOH = 2.4V
Output Sink Current (I/O)
IOL
-
10.0
-
mA
VDD = 3.0V, VOL = 0.8V
CPU Clock
FCPU
-
-
4.0
MHz
FCPU = FOSC/2 @ 2.4V
Note1: VLCD variation is subject to change due to the variation of process, temperature, supply voltage and loadings.
Note2: When voltage regulator and voltage doubler are enabled, VDD should be lower than VLCD-0.5V to prevent forward biasing the p-n junction of I/O’s
output PMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com