Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPL191C Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPL191C
Description  1024 Dots LCD Controller/Driver with 256KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL191C Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPL191C Datasheet HTML 7Page - Generalplus Technology Inc. GPL191C Datasheet HTML 8Page - Generalplus Technology Inc. GPL191C Datasheet HTML 9Page - Generalplus Technology Inc. GPL191C Datasheet HTML 10Page - Generalplus Technology Inc. GPL191C Datasheet HTML 11Page - Generalplus Technology Inc. GPL191C Datasheet HTML 12Page - Generalplus Technology Inc. GPL191C Datasheet HTML 13Page - Generalplus Technology Inc. GPL191C Datasheet HTML 14Page - Generalplus Technology Inc. GPL191C Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
GPL191C
© Generalplus Technology Inc.
Proprietary & Confidential
11
Mar. 08, 2010
Version: 1.1
7.3. The Relationship between the ROSC and the FOSC
7.3.1. VDD = 3.0V, TA = 25℃
Rosc v.s. Fosc
0
5
10
15
20
25
0
50
100
150
200
250
300
350
Rosc(Kohm)
7.3.2. VDD = 4.5V, TA = 25℃
Rosc v.s. Fosc
0
5
10
15
20
25
0
50
100
150
200
250
300
350
Rosc(Kohm)
7.4. The Relationship between the R32K and the F32K
7.4.1. VDD = 3.0V, TA = 25℃
R32K v.s. F32K
0
20
40
60
80
100
0
500
1000
1500
2000
2500
R32K(Kohm)
7.4.2. VDD = 4.5V, TA = 25℃
R32K v.s. F32K
0
20
40
60
80
100
0
500
1000
1500
2000
2500
R32K(Kohm)
7.5. The Relationship between the VDD and the Frequency
7.5.1. VDD vs. FOSC @ROSC=59kohm, TA = 25℃
VDD v.s. Fosc
7.4
7.6
7.8
8
8.2
8.4
8.6
01
23
4
5
6
VDD(V)
7.5.2. VDD vs. F32k@R32K=820Kohm, TA = 25℃
VDD v.s. F32K
30
31
32
33
34
35
36
37
38
01
2
3
4
56
VDD(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com