Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3590 Datasheet(PDF) 41 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 41 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 37Page - Semtech Corporation GS3590 Datasheet HTML 38Page - Semtech Corporation GS3590 Datasheet HTML 39Page - Semtech Corporation GS3590 Datasheet HTML 40Page - Semtech Corporation GS3590 Datasheet HTML 41Page - Semtech Corporation GS3590 Datasheet HTML 42Page - Semtech Corporation GS3590 Datasheet HTML 43Page - Semtech Corporation GS3590 Datasheet HTML 44Page - Semtech Corporation GS3590 Datasheet HTML 45Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
41 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Matrix-Scan Procedure:
1. Set the bounds of the matrix-scan with the offset and step parameters described in
Table 4-6. The default value results in a full matrix-scan. Alternatively, the
shape-scan can be executed and the coordinates returned can be used to minimize
the scan time and data size of the scan.
2. Configure the 4-point error rate threshold by setting each of the parameters listed
in Table 4-7.
3. Configure the eye monitor to run a matrix-scan by setting
CTRL_EYE_SHAPE_SCAN_B to 0.
4. Start the scan and poll the scanner status register until the scan is complete. Refer
to the flow diagram in Figure 4-11.
Read Eye Scan Buffer Procedure:
1. Host reads image size from STAT_EYE_IMAGE_SIZE.
Note: The matrix-scan is composed of multiple partial scan segments. The size (in
Bytes) of the last partial scan segment is stored in STAT_EYE_IMAGE_SIZE.
2. Host reads scan buffer data from register 0x6C00 to (0x6C00 + (size read from
STAT_EYE_IMAGE_SIZE)/2).
Address 0x6C00 is the first header word corresponding to the last vertical offset
position in the matrix that was read
Address 0x6C01 is the second header word corresponding to the image size.
This value is a copy of the image size that was read from
STAT_EYE_IMAGE_SIZE
Address 0x6C02 to (0x6C00 + (size read from STAT_EYE_IMAGE_SIZE)/2) is the
eye scan data:
The image data is 2 bytes per sample point
Making reference to the Matrix shown in Figure 4-7, the eye scan data
starting at 0x6C02 is stored in order from left to right, top to bottom, from
the last stored vertical/horizontal position in the matrix
The number of samples contained in the scan buffer is equal to (size read from
STAT_EYE_IMAGE_SIZE - 4)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com