Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3590 Datasheet(PDF) 71 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 71 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 67Page - Semtech Corporation GS3590 Datasheet HTML 68Page - Semtech Corporation GS3590 Datasheet HTML 69Page - Semtech Corporation GS3590 Datasheet HTML 70Page - Semtech Corporation GS3590 Datasheet HTML 71Page - Semtech Corporation GS3590 Datasheet HTML 72Page - Semtech Corporation GS3590 Datasheet HTML 73Page - Semtech Corporation GS3590 Datasheet HTML 74Page - Semtech Corporation GS3590 Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
71 of 118
Semtech
Proprietary & Confidential
www.semtech.com
3. Write the Data Word to be written to the next register in Auto Increment mode, etc.
Read access is the same as the above with the exception of step 1, where the Command
Word 1 is set for read access (R/W = 1).
Note: The UNIT ADDRESS field of Command Word 1 must always match
DEV_UNIT_ADDRESS for an access to be accepted by the device. Changing
DEV_UNIT_ADDRESS to a value other than 0 is only required if multiple devices are
connected to a single chip select (in Loop-Through or Bus-Through configuration).
4.10.11 Clear Sticky Counts Through Four Way Handshake
There are four sticky counters that keep count of changes in status of primary and
secondary carrier detect, rate changes, and lock changes. The counters can be read from
the following four parameters in register 0x84 and 0x85:
STAT_CNT_PRI_CD_CHANGES, STAT_CNT_SEC_CD_CHANGES,
STAT_CNT_RATE_CHANGES, and STAT_CNT_PLL_LOCK_CHANGES. The counters
saturate at 255 (0xFF) and must be cleared before additional status changes can be
counted. The following four way handshake procedures clears the counters.
1. Poll STAT_CLEAR_COUNTS_STATUS parameter until equal to 0 (idle), then set
CTRL_CLEAR_COUNTS = 1 (clear sticky counts).
2. Poll STAT_CLEAR_COUNTS_STATUS parameter until equal to 2 (cleared), then
reset CTRL_CLEAR_COUNTS to 0.
The device will now reset STAT_CLEAR_COUNTS_STATUS to 0 (idle) and the clearing
process can be repeated at any time.
4.10.12 Device Power-Up Sequence
The device does not require a specific power supply initialization sequence, and all chip
supplies can be powered up simultaneously.
If all power supplies cannot be guaranteed to power up simultaneously, ensure that
VCC_DDI powers up first. Please note that there is no minimum time requirement
between power supply initializations after VCC_DDI is energized.
Note: Please check with your local FAE (field applications engineer), as some devices
may need updated configuration settings. If a configuration file has been provided by
the FAE, see the timing information in the Serial Routing and Distribution Product
Configuration Loading Procedure Application Note (PDS-061176).
4.10.12.1 Power-Up Timing Sequence
The following timing sequence must be observed after power-up when no external
configuration loading is required. See Figure 4-39 for the timing requirements of Steps
1 and 2 below.
Step 1 – No GSPI Access Allowed
a) Device supply reaches 90% of target. POR (Power On Reset) is activated.
b) Internal blocks reset, default device configuration boot-up begins.
c) Default device configuration boot-up process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com