Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3590 Datasheet(PDF) 61 Page - Semtech Corporation

Part # GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Datasheet(HTML) 61 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 57Page - Semtech Corporation GS3590 Datasheet HTML 58Page - Semtech Corporation GS3590 Datasheet HTML 59Page - Semtech Corporation GS3590 Datasheet HTML 60Page - Semtech Corporation GS3590 Datasheet HTML 61Page - Semtech Corporation GS3590 Datasheet HTML 62Page - Semtech Corporation GS3590 Datasheet HTML 63Page - Semtech Corporation GS3590 Datasheet HTML 64Page - Semtech Corporation GS3590 Datasheet HTML 65Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
61 of 118
Semtech
Proprietary & Confidential
www.semtech.com
4.10 GSPI Host Interface
The GS3590 is configured via the Gennum Serial Peripheral Interface (GSPI).
The GSPI host interface is comprised of a serial data input signal (SDIN pin), serial data
output signal (SDOUT pin), an active-LOW chip select (CS pin) and a burst clock (SCLK
pin).
The GS3590 is a slave device, so the SCLK, SDIN and CS signals must be sourced by the
application host processor.
All read and write access to the device is initiated and terminated by the application
host processor.
4.10.1 CS Pin
The Chip Select pin (CS) is an active-low signal provided by the host processor to the
GS3590.
The HIGH-to-LOW transition of this pin marks the start of serial communication to the
GS3590.
The LOW-to-HIGH transition of this pin marks the end of serial communication to the
GS3590.
Each device may use its own separate Chip Select signal from the host processor or up
to 32 devices may be connected to a single Chip Select when making use of the Unit
Address feature.
Only those devices whose Unit Address matches the UNIT ADDRESS in GSPI Command
Word 1 will respond to communication from the host processor (unless the B’CAST ALL
bit in GSPI Command Word 1 is set to 1).
4.10.2 SDIN Pin
The SDIN pin is the GSPI serial data input pin of the GS3590.
The 32-bit Command and 16-bit Data Words from the host processor or from the SDOUT
pin of other devices are shifted into the device on the rising edge of SCLK when the CS
pin is LOW.
4.10.3 SDOUT Pin
The SDOUT pin is the GSPI serial data output of the GS3590.
All data transfers out of the GS3590 to the host processor or to the SDIN pin of other
connected devices occur from this pin.
By default at power-up or after system reset, the SDOUT pin provides a non-clocked path
directly from the SDIN pin, regardless of the CS pin state, except during the GSPI Data
Word portion for read operations from the device. This allows multiple devices to be
connected in Loop-Through configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com