Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2576 Datasheet(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM2576 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM2576/LM2576HV
www.artschip.com
3
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please
contact
the
National
Semiconductor
Sales
Office/Distributors for availability and specifications.
Maximum Supply Voltage
LM2576
45V
LM2576HV
63V
/OFF Pin Input Voltage
-0.3V≤V≤+VIN
Output Voltage to Ground
(Steady State)
-1V
Power Dissipation
Internally Limited
Storage Temperature Range
-65℃ to +150℃
Maximum Junction Temperature
150℃
Minimum ESD Rating
(C =100pF, R=1.5KΩ)
2KV
Lead Temperature
(Soldering, 10 Seconds)
260℃
Operating Ratings
Temperature Range
LM2576/LM2576HV
-40℃≤TJ≤+125℃
Supply Voltage
LM2576
40V
LM2576HV
60V
LM2576-3.3, LM2576HV-3.3
Electrical Characteristics
Specifications with standard type face are for TJ=25℃, and those with boldface type apply over full Operating Temperature Range.
LM2576-3.3
LM2576HV-3.3
Symbol
Parameter
Conditions
Typ
Limit
(Note 2)
Units(limits)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN=12V, ILOAD=0.5A
Circuit of Figure 2
3.3
3.234
3.366
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
6V≤VIN≤40V,0.5A≤ILOAD≤3A
Circuit of Figure 2
3.3
3.168/3.135
3.432/3.465
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576HV
6V≤VIN≤60V,
0.5A≤ILOAD≤3A
Circuit of Figure 2
3.3
3.168/3.135
3.450/3.482
V
V(Min)
V(Max)
η
Efficiency
VIN=12V, ILOAD=3A
75
%
LM2576-5.0, LM2576HV-5.0
Electrical Characteristics
Specifications with standard type face are for TJ=25℃, and those with Figure 2 boldface type apply over full Operating Temperature Range.
LM2576-5.0
LM2576HV-5.0
Symbol
Parameter
Conditions
Typ
Limit
(Note 2)
Units(limits)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN=12V, ILOAD=0.5A
Circuit of Figure 2
5.0
4.900
5.100
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
0.5A≤ILOAD≤3A,
8V≤VIN≤40V
Circuit of Figure 2
5.0
4.800/4.750
5.200/5.250
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576HV
0.5A≤ILOAD≤3A,
8V≤VIN≤60V
Circuit of Figure 2
5.0
4.800/4.750
5.225/5.275
V
V(Min)
V(Max)
η
Efficiency
VIN=12V, ILOAD=3A
77
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com