Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2576 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM2576 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM2576/LM2576HV
www.artschip.com
1
LM2576/LM2576HV Series
SIMPLE SWITCHER® 3A Step-Down Voltage Regulator
General Description
The LM2576 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving 3A load with
excellent line and load regulation. These devices are available
in fixed output voltages of 3.3V, 5V,12V,15V and an adjustable
output version.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation and a fixed-frequency oscillator.
The LM2576 series offers a high-efficiency replacement for
popular three-terminal linear regulators. It substantially reduces
the size of the heat sink, and in some cases no heat sink is
required.
A standard series of inductors optimized for use with the
LM2576 are available from several different manufacturers. The
feature greatly simplifies the design of switch- mode power
supplies.
Other features include a guaranteed ±4% tolerance on output
voltage within specified input voltages and output load
conditions, and ±10% on the oscillator frequency. External
shutdown is included, featuring 50μA (typical) standby current.
The output switch includes cycle-by-cycle current limiting, as
well as thermal shutdown for full protection under fault
conditions.
Features
3.3V, 5V, 12V, 15V, and adjustable output versions
Adjustable version output voltage range,1.23V to 37V (57V
for HV version) ±4% max over line and load conditions
Guaranteed 3A output current
Wide input voltage range, 40V up to 60V for HV version
Requires only 4 external components
52 KHz fixed frequency internal oscillator
TTL shutdown capability, low power standby mode
High efficiency
Uses readily available standard inductors
Thermal shutdown and current limit protection
P+ Product Enhancement tested
Applications
Simple high-efficiency step-down (buck) regulator
Efficient pre-regulator for linear regulators
On-card switching regulators
Positive to negative converter (Buck-Boost)
Typical Application (Fixed Output Voltage Versions)
FIGURE 1.


Similar Part No. - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
1A & 3A Miniconverter Switching Regulators
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
3.0A, 15V, Step-Down Switching Regulator
More results

Similar Description - LM2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
Simple Switcher 3A Step- Down Voltage Regulator
logo
Wuxi Youda electronics ...
YD2576 YOUDA-YD2576 Datasheet
84Kb / 3P
SIMPLE SWITCHER 3A STEP-DOWN VOLTAGE
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
Simple Switcher 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
Simple Switcher 3A Step- Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com