Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2576 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM2576 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM2576/LM2576HV
www.artschip.com
4
LM2576-12, LM2576HV-12
Electrical Characteristics
Specifications with standard type face are for TJ=25℃, and those with boldface type apply over full Operating Temperature Range.
LM2576-12
LM2576HV-12
Symbol
Parameter
Conditions
Typ
Limit(Note2)
Units(limits)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN=25V, ILOAD=0.5A
Circuit of Figure 2
12
11.76
12.24
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
0.5A≤ILOAD≤3A
15V≤VIN≤40V
Circuit of Figure 2
12
11.52/11.40
12.48/12.60
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576HV
0.5A≤ILOAD≤3A,
15V≤VIN≤60V
Circuit of Figure 2
12
11.54/11.40
12.54/12.66
V
V(Min)
V(Max)
η
Efficiency
VIN=15V, ILOAD=3A
88
%
LM2576-15, LM2576HV-15
Electrical Characteristics
Specifications with standard type face are for TJ=25℃, and those with boldface type apply over full Operating Temperature Range.
LM2576-15
LM2576HV-15
Symbol
Parameter
Conditions
Typ
Limit(Note2)
Units(limits)
SYSTEM PARAMETERS (Note 3) Test Circuit Figure 2
VOUT
Output Voltage
VIN=25V, ILOAD=0.5A
Circuit of Figure 2
15
14.70
15.30
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576
0.5A≤ILOAD≤3A
18V≤VIN≤40V
Circuit of Figure 2
15
14.40/14.25
15.60/15.75
V
V(Min)
V(Max)
VOUT
Output Voltage
LM2576HV
0.5A≤ILOAD≤3A,
18V≤VIN≤60V
Circuit of Figure 2
15
14.40/14.25
15.68/15.83
V
V(Min)
V(Max)
η
Efficiency
VIN=18V, ILOAD=3A
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com