Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576 Datasheet(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM2576
Description  SIMPLE SWITCHER 3A Step-Down Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM2576 Datasheet(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM2576 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM2576 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LM2576/LM2576HV
www.artschip.com
9
Typical Performance Characteristics (Circuit of Figure 2) (Continued)
Feedback Voltage
Vs Duty Cycle
Feedback Pin Current
Maximum Power Dissipation
(TO-263) (See Note 10)
Switching Waveforms
VOUT=15V
A: Output Pin Voltage, 50V/div
B: Output Pin Current, 2A/div
C: Inductor Current, 2A/div
D: Output Ripple Voltage, 50mV/div.
AC-Coupled.
Horizontal Time Base: 5μs/div
Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com