Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP32 Datasheet(PDF) 33 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32 Datasheet(HTML) 33 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
4. Peripherals and Sensors
4.1.10 Universal Asynchronous Receiver Transmitter (UART)
ESP32 has three UART interfaces, i.e., UART0, UART1 and UART2, which provide asynchronous communication
(RS232 and RS485) and IrDA support, communicating at a speed of up to 5 Mbps. UART provides hardware
management of the CTS and RTS signals and software flow control (XON and XOFF). All of the interfaces can be
accessed by the DMA controller or directly by the CPU.
4.1.11 I²C Interface
ESP32 has two I²C bus interfaces which can serve as I²C master or slave, depending on the user’s configuration.
The I²C interfaces support:
• Standard mode (100 Kbit/s)
• Fast mode (400 Kbit/s)
• Up to 5 MHz, yet constrained by SDA pull-up strength
• 7-bit/10-bit addressing mode
• Dual addressing mode
Users can program command registers to control I²C interfaces, so that they have more flexibility.
4.1.12 I²S Interface
Two standard I²S interfaces are available in ESP32. They can be operated in master or slave mode, in full duplex
and half-duplex communication modes, and can be configured to operate with an 8-/16-/32-/48-/64-bit resolution
as input or output channels. BCK clock frequency, from 10 kHz up to 40 MHz, is supported. When one or
both of the I²S interfaces are configured in the master mode, the master clock can be output to the external
DAC/CODEC.
Both of the I²S interfaces have dedicated DMA controllers. PDM and BT PCM interfaces are supported.
4.1.13 Infrared Remote Controller
The infrared remote controller supports eight channels of infrared remote transmission and receiving. By program-
ming the pulse waveform, it supports various infrared protocols. Eight channels share a 512 x 32-bit block of
memory to store the transmitting or receiving waveform.
4.1.14 Pulse Counter
The pulse counter captures pulse and counts pulse edges through seven modes. It has eight channels, each of
which captures four signals at a time. The four input signals include two pulse signals and two control signals.
When the counter reaches a defined threshold, an interrupt is generated.
4.1.15 Pulse Width Modulation (PWM)
The Pulse Width Modulation (PWM) controller can be used for driving digital motors and smart lights. The controller
consists of PWM timers, the PWM operator and a dedicated capture sub-module. Each timer provides timing in
synchronous or independent form, and each PWM operator generates a waveform for one PWM channel. The
dedicated capture sub-module can accurately capture events with external timing.
Espressif Systems
26
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com